Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM73361A Fiches technique(PDF) 27 Page - ELAN Microelectronics Corp

No de pièce EM73361A
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73361A Fiches technique(HTML) 27 Page - ELAN Microelectronics Corp

Back Button EM73361A Datasheet HTML 23Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 24Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 25Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 26Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 27Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 28Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 29Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 30Page - ELAN Microelectronics Corp EM73361A Datasheet HTML 31Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
27
* This specification are subject to be changed without notice.
10.8.2001
EM73361A
EM73361A
EM73361A
EM73361A
EM73361A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PadNo.
PadNo.
PadNo.
PadNo.
PadNo.
Symbol
Symbol
Symbol
Symbol
Symbol
X
X
X
X
X
Y
Y
Y
Y
Y
1
SEG2
-685.5
583.8
2
SEG1
-685.5
473.3
3
SEG0
-685.5
362.9
4
COM1
-685.5
252.4
5
COM0
-685.5
141.9
6
VEE
-685.5
31.5
7
VB
-685.5
-79.0
8
VA
-685.5
-189.4
9
XIN
-685.5
-299.9
10
XOUT
-685.5
-639.3
11
VSS
-522.3
-785.5
12
VDD
-409.3
-785.5
13
RESET
-296.3
-785.5
14
P0.0
-185.9
-785.5
15
P0.1
-71.9
-785.5
16
P0.2
38.6
-785.5
17
P0.3
152.6
-785.5
PAD DIAGRAM
PAD DIAGRAM
PAD DIAGRAM
PAD DIAGRAM
PAD DIAGRAM
Chip Size : 1710 µm x 1910 µm
40
42
44
43
45
46
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
37
35
36
38
39
XIN
P7.0
P6.2
P6.1
P6.0
P5.3
P5.2
P5.1
P4.3
P5.0
P4.2
P6.3
COM2
SEG2
SEG1
SEG0
COM1
COM0
VEE
VB
VA
(0,0)
Y
X
EM73361A
41
TEST
XOUT
ELAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com