| Moteur de recherche de fiches techniques de composants électroniques |
|
EM260-RTR Fiches technique(PDF) 10 Page - Silicon image |
|
|
|||||||||||||||||||||||||||||
EM260-RTR Fiches technique(HTML) 10 Page - Silicon image |
|
10 / 50 page EM260 120-0260-000M Rev 1.1 Page 10 3.3 Environmental Characteristics Table 4 lists the environmental characteristics of the EM260. Table 4. Environmental Characteristics Parameter Test Conditions Min. Typ. Max. Unit ESD (human body model) On any Pin - 2 + 2 kV ESD (charged device model) Non-RF Pins - 400 + 400 V ESD (charged device model) RF Pins - 225 + 225 V Moisture Sensitivity Level (MSL) MSL3 |