Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM260-RTR Fiches technique(PDF) 31 Page - Silicon image

No de pièce EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICONIMAGE [Silicon image]
Site Internet  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Fiches technique(HTML) 31 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 27Page - Silicon image EM260-RTR Datasheet HTML 28Page - Silicon image EM260-RTR Datasheet HTML 29Page - Silicon image EM260-RTR Datasheet HTML 30Page - Silicon image EM260-RTR Datasheet HTML 31Page - Silicon image EM260-RTR Datasheet HTML 32Page - Silicon image EM260-RTR Datasheet HTML 33Page - Silicon image EM260-RTR Datasheet HTML 34Page - Silicon image EM260-RTR Datasheet HTML 35Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
EM260
Page 31
120-0260-000M Rev 1.1
5.7.2
EmberZNet Serial Protocol Frame—Version Command
Figure 10. EmberZNet Serial Protocol Frame - Version Command Example
1. Activate Slave Select (nSSEL).
2. Transmit the appropriate command:
0xFE
: SPI Byte indicating an EZSP Frame
0x04
: Length Byte showing the EZSP Frame is 4 bytes long
0x00
: EZSP Sequence Byte (Note that this value should vary based upon previous sequence bytes)
0x00
: EZSP Frame Control Byte indicating a command with no sleeping
0x00
: EZSP Frame ID Byte indicating the Version command
0x04
: EZSP Parameter for this command (desiredProtocolVersion)
0xA7
: Frame Terminator
3. Wait for nHOST_INT to assert.
4. Transmit and receive 0xFF until a byte other than 0xFF is received.
5. Receive response 0xFE (a byte other than 0xFF) and read the next byte for a length.
6. Stop transmitting after the number of bytes (length) is received plus the Frame Terminator.
7. Decode the response:
0xFE
: SPI Byte indicating an EZSP Frame
0x07
: Length Byte showing the EZSP Frame is 7 bytes long
0x00
: EZSP Sequence Byte (Note that this value should vary based upon previous sequence bytes)
0x80
: EZSP Frame Control Byte indicating a response with no overflow
0x00
: EZSP Frame ID Byte indicating the Version response
0x04
: EZSP Parameter for this response (protocolVersion)
0x02
: EZSP Parameter for this response (stackType)
0x10
: EZSP Parameter for this response (stackVersion, Note that this value may vary)
0x47
: EZSP Parameter for this response (stackVersion, Note that this value may vary)
0xA7
: Frame Terminator
8. Deactivate Slave Select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50