Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM260-RTR Fiches technique(PDF) 32 Page - Silicon image

No de pièce EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICONIMAGE [Silicon image]
Site Internet  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Fiches technique(HTML) 32 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 28Page - Silicon image EM260-RTR Datasheet HTML 29Page - Silicon image EM260-RTR Datasheet HTML 30Page - Silicon image EM260-RTR Datasheet HTML 31Page - Silicon image EM260-RTR Datasheet HTML 32Page - Silicon image EM260-RTR Datasheet HTML 33Page - Silicon image EM260-RTR Datasheet HTML 34Page - Silicon image EM260-RTR Datasheet HTML 35Page - Silicon image EM260-RTR Datasheet HTML 36Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
EM260
120-0260-000M Rev 1.1
Page 32
5.7.3
EM260 Reset
Figure 11. EM260 Reset Example
1. nRESET toggles active low to reset the EM260.
2. nWAKE stays idle high between nRESET and nHOST_INT indicating the EM260 should continue with normal
booting (do not enter the bootloader).
3. nHOST_INT asserts.
4. Activate Slave Select (nSSEL).
5. Transmit the command:
0xFE
: SPI Byte indicating an EZSP Frame
0x03
: Length Byte showing the EZSP Frame is 3 bytes long
0x00
: EZSP Sequence Byte (Note that this value should vary based upon previous sequence bytes)
0x00
: EZSP Frame Control Byte indicating a command with no sleeping
0x06
: EZSP Frame ID Byte indicating the callback command
0xA7
: Frame Terminator
6. Wait for nHOST_INT to assert.
7. Transmit and receive 0xFF until a byte other than 0xFF is received.
8. Receive response 0x00 (a byte other than 0xFF).
9. Receive the Error Byte and decode (0x02 is enumerated as RESET_POWERON).
10. Receive the Frame Terminator (0xA7).
11. Response 0x00 indicates the EM260 has reset and the Host should respond appropriately.
12. Deactivate Slave Select.
13. Since nHOST_INT does not assert again, there is no more data for the Host.
0xA7
0xFE
0x03
0x00
0x06
0xA7
nSSEL
MISO
MOSI
SCLK
0x00
0x02
nHOST_INT
nRESET
Command
Response
Wait
0x00
nWAKE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50