Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM260-RTR Fiches technique(PDF) 43 Page - Silicon image

No de pièce EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICONIMAGE [Silicon image]
Site Internet  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Fiches technique(HTML) 43 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 39Page - Silicon image EM260-RTR Datasheet HTML 40Page - Silicon image EM260-RTR Datasheet HTML 41Page - Silicon image EM260-RTR Datasheet HTML 42Page - Silicon image EM260-RTR Datasheet HTML 43Page - Silicon image EM260-RTR Datasheet HTML 44Page - Silicon image EM260-RTR Datasheet HTML 45Page - Silicon image EM260-RTR Datasheet HTML 46Page - Silicon image EM260-RTR Datasheet HTML 47Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
EM260
Page 43
120-0260-000M Rev 1.1
11 Part Marking
The EM260 part marking is shown in Figure 20 and Figure 21. The circle in the top left corner indicates Pin 1.
Pins are numbered counter-clockwise from Pin 1, 10 pins per package edge.
Figure 20. Stats Chippac Malaysia Part marking for EM260
ZZZZZZ.ZZ defines the production lot code
YYWW defines the year and week assembled
M indicates Malaysia is the country of origin.
Figure 21. ASE Chung Li Part marking for EM260
YYWW defines the year and week assembled
TTTTTT defines the manufacturing code
e3 is the logo for 100% Sn (tin finish lead free) part
TW indicates Taiwan is the country of origin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50