Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM260-RTR Fiches technique(PDF) 30 Page - Silicon image

No de pièce EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICONIMAGE [Silicon image]
Site Internet  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Fiches technique(HTML) 30 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 26Page - Silicon image EM260-RTR Datasheet HTML 27Page - Silicon image EM260-RTR Datasheet HTML 28Page - Silicon image EM260-RTR Datasheet HTML 29Page - Silicon image EM260-RTR Datasheet HTML 30Page - Silicon image EM260-RTR Datasheet HTML 31Page - Silicon image EM260-RTR Datasheet HTML 32Page - Silicon image EM260-RTR Datasheet HTML 33Page - Silicon image EM260-RTR Datasheet HTML 34Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
EM260
120-0260-000M Rev 1.1
Page 30
5.7.1
SPI Protocol Version
Figure 9. SPI Protocol Version Example
1. Activate Slave Select (nSSEL).
2. Transmit the command 0x0A - SPI Protocol Version Request.
3. Transmit the Frame Terminator, 0xA7.
4. Wait for nHOST_INT to assert.
5. Transmit and receive 0xFF until a byte other than 0xFF is received.
6. Receive response 0x82 (a byte other than 0xFF), then receive the Frame Terminator, 0xA7.
7. Bit 7 is always set and bit 6 is always cleared in the Version Response, so this is Version 2.
8. Deactivate Slave Select.
0x82
0xA7
0x0A
0xA7
nSSEL
MISO
MOSI
SCLK
nHOST_INT
Cmd
Wait
Resp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50