Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM260-RTR Fiches technique(PDF) 45 Page - Silicon image

No de pièce EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICONIMAGE [Silicon image]
Site Internet  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Fiches technique(HTML) 45 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 41Page - Silicon image EM260-RTR Datasheet HTML 42Page - Silicon image EM260-RTR Datasheet HTML 43Page - Silicon image EM260-RTR Datasheet HTML 44Page - Silicon image EM260-RTR Datasheet HTML 45Page - Silicon image EM260-RTR Datasheet HTML 46Page - Silicon image EM260-RTR Datasheet HTML 47Page - Silicon image EM260-RTR Datasheet HTML 48Page - Silicon image EM260-RTR Datasheet HTML 49Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
EM260
Page 45
120-0260-000M Rev 1.1
13 Shipping Box Label
Silicon Labs includes the following information on each tape and reel box label (EM260-RTR):
Package
Device type
Quantity (Bar coded)
Box ID (Bar coded)
Lot Number (Bar coded)
Date Code (Bar coded)
Figure 22 depicts the label position on the box. As shown in Figure 22, there can be up to two date codes in a
single tape and reel.
Figure 22. Shipping Label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50