Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3665 Fiches technique(PDF) 59 Page - ams AG

No de pièce AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Fiches technique(HTML) 59 Page - ams AG

Back Button AS3665 Datasheet HTML 55Page - ams AG AS3665 Datasheet HTML 56Page - ams AG AS3665 Datasheet HTML 57Page - ams AG AS3665 Datasheet HTML 58Page - ams AG AS3665 Datasheet HTML 59Page - ams AG AS3665 Datasheet HTML 60Page - ams AG AS3665 Datasheet HTML 61Page - ams AG AS3665 Datasheet HTML 62Page - ams AG AS3665 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
58 - 77
AS3665
Datasheet, Confidential - Prog ramming S equen ce r C o mmands
MUX set ptr set the MUX pointer to an address <vector number>+MUX set start address:
With the je (jump ==), jge (jump >=), jl (jump <) and jne (jump <>) commands the program flow
21 can be controlled
depending on values in variables:
Table 90. MUX set ptr Command
MUX set ptr Command
Name
Bits
Bitname
Parameter Description
MUX set ptr
Compiler syntax: MXP,<vector number>;
D15:D5
10011101
011b
D4:D0
vector number The MUX pointer is set to <vector number> + address defined by MUX set
start address
21.Only positive jumps (jump down) can be implemented. If jumps in both directions are required, use these
commands in combination with Branch (see page 53)
Table 91. je (jump ==) Command
je (jump ==) Command
Name
Bits
Bitname
Parameter Description
je (jump ==)
Compiler syntax: JE, instructions skipped, variable 1, variable 2;
D15:D9
1000100b
D8:D4
instructions
skipped
0-31
defines the number of instructions skipped, if
variable1 = variable2
PC = PC + ‘instructions skipped’
D3:D2
variable 1
0
variable1 = ra
1
variable1 = rb
2
variable1 = rc
3
variable1 = rd
D1:D0
variable 2
0
variable2 = ra
1
variable2 = rb
2
variable2 = rc
3
variable2 = rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78