| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3665 Fiches technique(PDF) 75 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3665 Fiches technique(HTML) 75 Page - ams AG |
|
75 / 78 page ![]() www.austriamicrosystems.com Revision 1.0.2 74 - 77 AS3665 Datasheet, Confidential - A p p l i c a t i o n I n f o r m a t i o n L E D Te s t The ground plane of the system should be connected to the layout of the AS3665 only at a single point. This avoid noise to travel from the internal switching node to the application - see Figure 29: Figure 29. Layout recommendation Note: If component placement rules allow, move all components close to the AS3665 It is possible to route the AS3665 with only two planes to reduce the cost of the PCB. LED Test See LED Test on page 39. ! " ! # $ %& '' ( ) *+ , - . $ ' , % / * $ ' & , & 0 1 , % / *+ 1' & - $ ! 00 . $ ' $ *+ |