| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3665 Fiches technique(PDF) 49 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3665 Fiches technique(HTML) 49 Page - ams AG |
|
49 / 78 page ![]() www.austriamicrosystems.com Revision 1.0.2 48 - 77 AS3665 Datasheet, Confidential - Prog ramming Sequen ce r s The program memory areas are setup using start_addr1...start_addr3: The actual program execution of the sequencers is defined by the program counters PC1...PC3: Sequencers All three sequences are autonomous program execution unit executing the commands described in Sequencer Com- mands Table (see page 66). Programs are downloaded, started and stopped as described in Program Downloading (see page 43). The output of these sequencers is used for the PWM generator defined by so called MUX tables: Table 58. Start_Addr1 Register Addr: B0h Start_Addr1 Register Bit Bit Name Default Access Description 7:0 start_addr1 00h R/W Sequencer 1 start of program Table 59. Start_Addr2 Register Addr: B1h Start_Addr2 Register Bit Bit Name Default Access Description 7:0 start_addr2 00h R/W Sequencer 2 start of program Table 60. Start_Addr3 Register Addr: B2h Start_Addr3 Register Bit Bit Name Default Access Description 7:0 start_addr3 00h R/W Sequencer 3 start of program Table 61. Seq1_PC Register Addr: B4h Seq1_PC Register Bit Bit Name Default Access Description 7:0 PC1 00h R/W Sequencer 1 program counter Table 62. Seq2_PC Register Addr: B5h Seq2_PC Register Bit Bit Name Default Access Description 7:0 PC2 00h R/W Sequencer 2 program counter Table 63. Seq3_PC Register Addr: B6h Seq3_PC Register Bit Bit Name Default Access Description 7:0 PC3 00h R/W Sequencer 3 program counter |