Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3665 Fiches technique(PDF) 67 Page - ams AG

No de pièce AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Fiches technique(HTML) 67 Page - ams AG

Back Button AS3665 Datasheet HTML 63Page - ams AG AS3665 Datasheet HTML 64Page - ams AG AS3665 Datasheet HTML 65Page - ams AG AS3665 Datasheet HTML 66Page - ams AG AS3665 Datasheet HTML 67Page - ams AG AS3665 Datasheet HTML 68Page - ams AG AS3665 Datasheet HTML 69Page - ams AG AS3665 Datasheet HTML 70Page - ams AG AS3665 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
66 - 77
AS3665
Datasheet, Confidential - Sequ encer Command s Table S eque ncer Commands
10 Sequencer Commands Table
Table 106. Sequencer Commands Table
Command
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Ramp/Wait
0
pres
cale
step time
sign
number of increments
51
Set PWM
0
100000
0
pwm value
51
Ramp with
variable
1
000010
000
pres
cale sign
variable
for step
variable
increment
52
Set PWM to
variable
1
000010
00110
00
variable
53
GoTo Start
0
000000
00000
0000
53
Branch
1
0
1
loop count
step number
53
Branch with
variable
1
0
0
0
0
1
1
step number
variable
54
End/Interrupt
command
11
0
int rese
t
00
00000
0000
54
Trigger
11
1
Wait for trigger from...
Send Trigger to...
X
55
Ext
Trig
X
X
CH3 CH2 CH1 Ext
Trig
X
X
CH3 CH2 CH1
MUX set start
address
1
001110
00
RAM address
55
MUX set end
address
1
001110
01
RAM address
56
MUX select
LED
1
001110
10
LED select
56
MUX clear
1
001110
10000
0000
56
MUX next
address
1
001110
11000
0000
56
MUX previous
address
1
001110
11100
0000
57
MUX set RM
1
001110
10010
0000
57
MUX reset RM
1
001110
10100
0000
57
MUX fade
1
001110
10010
0
fade
r3
fade
r2
fade
r1
57
MUX set ptr
1
0
0
1
1
1
0
1
0
1
1
vector number
58
je (jump ==)
1
0
0
0
1
0
0
instructions skipped
variable 1 variable 2
58
jge (jump >=)
1
0
0
0
1
0
1
instructions skipped
variable 1 variable 2
59
jl (jump <)
1
0
0
0
1
1
0
instructions skipped
variable 1 variable 2
59
jne (jump <>)
1
0
0
0
1
1
1
instructions skipped
variable 1 variable 2
60
ld (load)
1
001
target
variable
0
0
value
60
add number
1
001
target
variable
0
1
value
61
add variable
1
001
target
variable
1
1
0
0
0
0
variable 1 variable 2
61
sub number
1
001
target
variable
1
0
value
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78