| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3665 Fiches technique(PDF) 77 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3665 Fiches technique(HTML) 77 Page - ams AG |
|
77 / 78 page ![]() www.austriamicrosystems.com Revision 1.0.2 76 - 77 AS3665 Datasheet, Confidential - O r d e r i n g I n f o r m a t i o n L E D Te s t 14 Ordering Information The devices are available as the standard products shown in Table 111. Note: AS3665-ZWLT AS3665- Z Temperature Range: Z........... -30ºC - 85ºC WL Package Type: WL ....... Wafer Level Chip Scale Package WL-CSP-25 (2.610x2.675mm) 0.5mm pitch T Delivery Form: T........... Tape & Reel (no dry pack required) Table 111. Ordering Information Model Description Delivery Form Package AS3665-ZWLT 9 Channel Advanced Command Driven RGB/White LED Driver Tape & Reel WL-CSP-25 (2.610x2.675mm) 0.5mm pitch |