| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3665 Fiches technique(PDF) 76 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3665 Fiches technique(HTML) 76 Page - ams AG |
|
76 / 78 page ![]() www.austriamicrosystems.com Revision 1.0.2 75 - 77 AS3665 Datasheet, Confidential - Package Drawin gs an d Markings LED Te st 13 Package Drawings and Markings Figure 30. WL-CSP-25 (2.610x2.675mm) 0.5mm pitch Marking Note: Line 1: austriamicrosystems logo Line 2: AS3665 Line 3: <Code> Encoded Datecode (4 characters) Figure 31. WL-CSP-25 (2.610x2.675mm) 0.5mm pitch Package Dimensions The coplanarity of the balls is 40µm. AS3665 <Code> ! ! "" " " ! ! ! " # $ %# & ' $ $ $ ( ( ( ) ) ) $ $ ( ( ) ) * * $' ' (' )' * * * *' $ ( ) * $ ( ) $' ' (' )' * *' $ ( ) * |