| Moteur de recherche de fiches techniques de composants électroniques |
|
PSD833F2 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD833F2 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 128 page ![]() SRAM PSD8XXFX 42/128 Doc ID 7833 Rev 7 11 SRAM The SRAM is enabled when SRAM Select (RS0) from the DPLD is high. SRAM Select (RS0) can contain up to two product terms, allowing flexible memory mapping. SRAM Select (RS0) is configured using PSDsoft Express Configuration. Obsolete Product(s) - Obsolete Product(s) |