| Moteur de recherche de fiches techniques de composants électroniques |
|
PSD833F2 Fiches technique(PDF) 125 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD833F2 Fiches technique(HTML) 125 Page - STMicroelectronics |
|
125 / 128 page ![]() PSD8XXFX TQFP64 pin assignments Doc ID 7833 Rev 7 125/128 Appendix C TQFP64 pin assignments Table 78. TQFP64 connections (see Features) Pin number Pin assignments 1PD2 2PD1 3PD0 4PC7 5PC6 6PC5 7VCC 8VCC 9VCC 10 GND 11 GND 12 PC3 13 PC2 14 PC1 15 PC0 16 NC 17 NC 18 NC 19 PA7 20 PA6 21 PA5 22 PA4 23 PA3 24 GND 25 GND 26 PA2 27 PA1 28 PA0 29 AD0 30 AD1 31 N/D 32 AD2 Obsolete Product(s) - Obsolete Product(s) |