| Moteur de recherche de fiches techniques de composants électroniques |
|
PC06E8-2S. Fiches technique(PDF) 12 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
PC06E8-2S. Fiches technique(HTML) 12 Page - Amphenol Corporation |
|
12 / 80 page ![]() 10 A M L K J H G F E D C B S R P N A Z Y X W V U T S R P N M L K J H G F E D C B a A Z Y X W V U T S R P N M L K J H G F E D C B a b A Z Y X W V U T S R P N M L K J H G F E D C B a b c d A Z Y X W V U T S R P N M L K J H G F E D C B a r p n m k j h g f e d c b i q A Z Y X W V U T S R P N M L K J H G F E D C B a t s r p q n m k j i h g f e d c b A P N M L K J G F E D C B H A G F ED C B A G D C B F E A X W V U T S R P N M L K J H G F E D C B A Z Y X W V U T S R P N M L K J H G F E D C B a b A R P N M B b S a h c Z T L C j g d Y X K J H W V G F U E D f e Amphenol Miniature Cylindrical insert arrangements ® front face of pin inserts illustrated Insert Arrangement 20-16 20-24 20-25 20-26 Service Rating II I I I Number of Contacts 16 24 25 20 6 Contact Size 16 20 20 20 12 Insert Arrangement 20-27 20-39 20-41 20-70 Service Rating I I I Coax Number of Contacts 27 37 2 41 10 4 Contact Size 20 20 16 20 20 8 Coax Insert Arrangement 20-90 22-7 22-21 22-25 Service Rating Hi-Voltage Coax II I Number of Contacts 7 7 21 25 Contact Size 20 8 Coax 16 16 Insert Arrangement 22-32 22-34 22-36 22-41 Service Rating I I I I Number of Contacts 32 34 36 27 14 Contact Size 20 20 20 20 16 A Z Y X W V U T S R P N M L K J H G F E D C B a l k j h g f e d c b A T S B V U R C f W P D m h g e X N E n l j d M L K J a c b Z Y H G F k A Z Y X W V U T S R P N M L K J H G F E D C B a t s r q p n m k j i h g f e d c b A B C D E F G H J K L M N P R S T U V W X Y Z a b c |