| Moteur de recherche de fiches techniques de composants électroniques |
|
PC06E8-2S. Fiches technique(PDF) 9 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
PC06E8-2S. Fiches technique(HTML) 9 Page - Amphenol Corporation |
|
9 / 80 page ![]() 7 Amphenol Miniature Cylindrical alternate positioning Alternate Positioning To avoid cross-plugging problems in applications requiring the use of more than one miniature cylindrical connector of the same size and arrangement, alternate insert rotations are available as indicated in the accompanying chart. As shown in the diagram at right, the front face of the pin insert is rotated within the shell in a clockwise direction from the normal shell key. The socket insert would be rotated counterclockwise the same number of degrees in respect to the normal shell key. Position W Position X Position Y Position Z Views looking into front face of pin insert or rear of socket insert. Insert Rotation Shell Size Insert Arrangement Degrees WX Y Z 6 6-1 –––– 8 8-2* 58 122 – – 8 8-3 60 210 – – 88-4* 45 97 184 – 8 8-33* 90 – – – 8 8-98 –––– 10 10-2 45 90 315 – 10 10-5* 45 151 180 270 10 10-6* 90 – – – 10 10-70 –––– 10 10-98* 90 180 240 270 12 12-3* – – 180 – 12 12-4* 38 – – – 12 12-8 90 112 203 292 12 12-10* 60 155 270 295 12 12-14 –––– 12 12-98* 61 135 189 340 14 14-2 58 122 – – 14 14-4* 45 – – – 14 14-5* 40 92 184 273 14 14-8 48 162 189 312 14 14-12* 43 90 – – 14 14-15* 17 110 155 234 14 14-18* 15 90 180 270 14 14-19* 30 165 315 – 14 14-22 45 – – – 14 14-71 –––– 14 14-91HV – 60 – – 14 14-AA* 45 – – – 16 16-8* 54 152 180 331 16 16-23 158 270 – – 16 16-26* 60 – 275 338 16 16-70 41 122 216 286 16 16-76 –––– 16 16-99* 66 156 223 340 18 18-5 55 97 263 315 18 18-8 180 – – – * Available in Hermetic Class Insert Rotation Shell Size Insert Arrangement Degrees WX Y Z 18 18-11* 62 119 241 340 18 18-30* 180 193 285 350 18 18-32* 85 138 222 265 18 18-71 18 108 127 215 18 18-72 53 102 213 293 18 18-75 45 – – – 18 18-76 –––– 18 18-80 45 90 135 160 18 18-91HV 90 180 240 270 20 20-16* 238 318 333 347 20 20-24 70 145 215 290 20 20-25 72 144 216 288 20 20-26 13 107 210 322 20 20-27 72 144 216 288 20 20-39* 63 144 252 333 20 20-41* 45 126 225 – 20 20-70 63 135 222 335 20 20-90 45 135 225 315 22 22-7 19 41 – – 22 22-21* 16 135 175 349 22 22-25 60 125 211 336 22 22-32 72 145 215 288 22 22-34 62 142 218 298 22 22-36 72 144 216 288 22 22-41 39 135 264 – 22 22-55* 30 142 226 314 22 22-70 30 82 218 312 22 22-71 33 191 236 270 22 22-72 42 200 277 339 22 22-78 19 41 – – 22 22-96* 19 41 – – 24 24-31 90 225 255 – 24 24-51 22 171 313 – 24 24-61* 90 180 270 324 24 24-71 39 131 205 281 24 24-79 –––– ® |