Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC06E8-2S. Fiches technique(PDF) 32 Page - Amphenol Corporation

No de pièce PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Fiches technique(HTML) 32 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 28Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 29Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 30Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 31Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 32Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 33Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 34Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 35Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 36Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
30
TERMINATION ASSEMBLIES
“SE” Open Wire Seal
PT00SE-XX-XXX
SP00SE-XX-XXX
MS3120E-XX-XXX
“SE” (SR), MS / “F” Strain Relief
PT00SE-XX-XXX (SR)
SP00SE-XX-XXX (SR)
MS3120F-XX-XXX
“SP” Potting Boot
PT00SP-XX-XXX
SP00SP-XX-XXX
* Back panel mounting
All dimensions for reference only.
Shell
Size
Receptacle Front View
Receptacle Side View
R
(TP)
S
Max.
T Dia.
± .005
A Dia.
+.001
–.005
K
±.016
M
+.010
–.000
P*
Max. Panel Thickness
PT
SP
PT
SP
PT
SP
PT
SP
PT
SP
8
.594
–
.828
–
.120
–
.473
.062
.431
–
.094
–
10
.719
.812
.954
1.141
.120
.150
.590
.062
.431
.462
.094
.125
12
.812
.938
1.047
1.266
.120
.150
.750
.062
.431
.462
.094
.125
14
.906
1.031
1.141
1.360
.120
.150
.875
.062
.431
.462
.094
.125
16
.969
1.125
1.234
1.453
.120
.150
1.000
.062
.431
.462
.094
.125
18
1.062
1.203
1.328
1.532
.120
.150
1.125
.062
.431
.462
.094
.125
20
1.156
1.297
1.453
1.688
.120
.150
1.250
.094
.556
.556
.219
.219
22
1.250
1.375
1.578
1.766
.120
.150
1.375
.094
.556
.556
.219
.219
24
1.375
1.500
1.703
1.891
.147
.150
1.500
.094
.589
.589
.219
.219
Shell
Size
Class “SE”, MS / “E”
Class “SE” (SR), MS / “F”
Class “SP”, MS / “P”
L
Max.
N Dia.
Max
G
Dia.
L
Max.
N
Max.
D Dia.
Max.
L
Max.
N Dia.
Max.
8
1.328
.560
.125
2.422
.781
–
–
–
10
1.328
.704
.188
2.422
.844
.444
1.656
.734
12
1.328
.825
.312
2.422
.969
.558
1.656
.858
14
1.328
.954
.375
2.422
1.094
.683
1.656
.984
16
1.328
1.080
.500
2.537
1.156
.808
1.656
1.110
18
1.328
1.204
.625
2.537
1.406
.909
1.656
1.234
20
1.359
1.330
.625
2.824
1.406
1.034
1.750
1.360
22
1.359
1.454
.750
2.824
1.594
1.159
1.750
1.484
24
1.422
1.580
.800
2.900
1.688
1.284
1.782
1.610
PT00 SE (MS3120)
SP00 SE
wall mounting receptacle
To complete part number see how to order on page 39.
■ (MMC) located within .005 of (TP)
S
S
R
(TP)
R
(TP)
T Dia.
4 Holes
A
MK
N
L
AG
N
K
M
L
AD
L
K
M
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80