| Moteur de recherche de fiches techniques de composants électroniques |
|
PC06E8-2S. Fiches technique(PDF) 45 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
PC06E8-2S. Fiches technique(HTML) 45 Page - Amphenol Corporation |
|
45 / 80 page ![]() 43 TERMINATION ASSEMBLIES “CE” Open Wire Seal PT01CE-XX-XXX SP01CE-XX-XXX “CE” (SR) Strain Relief PT01CE-XX-XXX (SR) SP01CE-XX-XXX (SR) “CP” Potting Boot PT01CP-XX-XXX All dimensions for reference only. Shell Size Receptacle Front View Receptacle Side View S ±.016 A Dia. +.001 –.005 K ±.016 Class “CE” Class “CE” (SR) Class “CP” L Max. N Dia. G Dia. H Dia. L Max. D Dia. Min. L Max. N Dia. Max. 6 .688 .348 .094 1.468 .440 – – – – – – 8 .812 .473 .094 1.468 .560 .125 .797 1.982 .327 1.702 .608 10 .938 .590 .094 1.468 .685 .188 .859 1.982 .444 1.702 .734 12 1.031 .750 .094 1.468 .813 .312 .984 1.982 .558 1.702 .858 14 1.125 .875 .094 1.468 .930 .375 1.109 1.982 .683 1.702 .984 16 1.219 1.000 .094 1.468 1.057 .500 1.172 2.114 .808 1.702 1.110 18 1.312 1.125 .094 1.468 1.175 .625 1.422 2.114 .909 1.702 1.234 20 1.438 1.250 .115 1.562 1.301 .625 1.422 2.207 1.034 1.796 1.360 22 1.562 1.375 .115 1.562 1.428 .750 1.609 2.207 1.159 1.796 1.484 24 1.688 1.500 .115 1.625 1.555 .800 1.703 2.219 1.284 1.827 1.610 PT01 CE cable connecting receptacle Note:This connector style is sometimes referred to as a cable connecting “plug”. It does, however, mate with either a straight or 90 degree plug. To complete part number see how to order on page 49. S S K N A L AG H L AD L H K K |