Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC06E8-2S. Fiches technique(PDF) 39 Page - Amphenol Corporation

No de pièce PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Fiches technique(HTML) 39 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 35Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 36Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 37Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 38Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 39Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 40Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 41Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 42Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 43Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
37
D
C
B
E
L
A
H
K
L
TERMINATION ASSEMBLIES
“SE” Open Wire Seal, “SE” (SR) Strain Relief
PT08SE-XX-XXX
SP08SE-XX-XXX
PT08SE-XX-XXX (SR)
SP08SE-XX-XXX (SR)
“SP” Potting Boot 75 degrees
PT08SP-XX-XXX
SP08SP-XX-XXX
To complete part number see how to order on page 39.
All lockwire holes are .044 Dia. Min.
All dimensions for reference only.
Shell
Size
Plug
Front View
Plug
Side View
G
Dia.
Max.
Class “SE”, “SE” (SR)
Class “SP”
B
±.031
C
+.010
–.025
D
±.062
E
+.047
–.025
L
Max.
A
±.025
H
±.015
K
±.015
L
Max.
10
.921
.749
.170
1.191
.393
2.137
.547
.438
.562
2.031
12
1.046
.812
.264
1.191
.450
2.222
.625
.516
.688
2.093
14
1.171
.905
.310
1.254
.519
2.370
.734
.625
.781
2.203
16
1.297
1.030
.330
1.316
.583
2.572
.750
.656
.890
2.250
18
1.422
1.015
.444
1.562
.621
2.680
.781
.703
1.000
2.296
20
1.562
1.077
.510
1.625
.683
2.753
.859
.766
1.125
2.343
22
1.672
1.139
.515
1.719
.739
2.799
.906
.812
1.234
2.390
24
1.797
1.250
.656
1.750
.787
3.037
1.181
.918
1.374
2.624
PT08 SE
SP08 SE
90 degree plug
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80