Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F303VCT6 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 45Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 46Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 47Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 48Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 49Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 50Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 51Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 52Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 132 page
background image
Table 16. Alternate functions for port E
Port &
Pin Name
AF0
AF1
AF2
AF3
AF4
AF6
AF7
PE0
EVENTOUT
TIM4_ETR
TIM16_CH1
USART1_TX
PE1
EVENTOUT
TIM17_CH1
USART1_RX
PE2
TRACECK
EVENTOUT
TIM3_CH1
TSC_G7_IO1
PE3
TRACED0
EVENTOUT
TIM3_CH2
TSC_G7_IO2
PE4
TRACED1
EVENTOUT
TIM3_CH3
TSC_G7_IO3
PE5
TRACED2
EVENTOUT
TIM3_CH4
TSC_G7_IO4
PE6
TRACED3
EVENTOUT
PE7
EVENTOUT
TIM1_ETR
PE8
EVENTOUT
TIM1_CH1N
PE9
EVENTOUT
TIM1_CH1
PE10
EVENTOUT
TIM1_CH2N
PE11
EVENTOUT
TIM1_CH2
PE12
EVENTOUT
TIM1_CH3N
PE13
EVENTOUT
TIM1_CH3
PE14
EVENTOUT
TIM1_CH4
TIM1_BKIN2
PE15
EVENTOUT
TIM1_BKIN
USART3_RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More