Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F303VCT6 Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 42Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 43Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 44Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 45Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 46Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 47Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 48Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 49Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 132 page
background image
PB13
TSC_
G6_IO3
SPI2_SCK,
I2S2_CK
TIM1_
CH1N
USART3_
CTS
EVENT
OUT
PB14
TIM15_
CH1
TSC_
G6_IO4
SPI2_MISO,
I2S2ext_SD
TIM1_
CH2N
USART3_
RTS
EVENT
OUT
PB15
RTC_
REFIN
TIM15_
CH2
TIM15_
CH1N
TIM1_
CH3N
SPI2_MOSI,
I2S2_SD
EVENT
OUT
Table 13. Alternate functions for port B (continued)
Port
&
Pin
Name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF12
AF15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More