| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F303VCT6 Fiches technique(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VCT6 Fiches technique(HTML) 36 Page - STMicroelectronics |
|
36 / 132 page ![]() Pinouts and pin description STM32F302xx/STM32F303xx 36/132 DocID023353 Rev 6 Table 11. STM32F302xx/STM32F303xx pin definitions Pin number Pin name (function after reset) Pin functions Alternate functions Additional functions 1 PE2 I/O FT (1) TRACECK, TIM3_CH1, TSC_G7_IO1, EVENTOUT 2 PE3 I/O FT (1) TRACED0, TIM3_CH2, TSC_G7_IO2, EVENTOUT 3 PE4 I/O FT (1) TRACED1, TIM3_CH3, TSC_G7_IO3, EVENTOUT 4 PE5 I/O FT (1) TRACED2, TIM3_CH4, TSC_G7_IO4, EVENTOUT 5 PE6 I/O FT (1) TRACED3, EVENTOUT WKUP3, RTC_TAMP3 611 VBAT S Backup power supply 722 PC13(2) I/O TC TIM1_CH1N WKUP2, RTC_TAMP1, RTC_TS, RTC_OUT 833 PC14(2) OSC32_IN (PC14) I/O TC OSC32_IN 944 PC15(2) OSC32_ OUT (PC15) I/O TC OSC32_OUT 10 PF9 I/O FT (1) TIM15_CH1, SPI2_SCK, EVENTOUT 11 PF10 I/O FT (1) TIM15_CH2, SPI2_SCK, EVENTOUT 12 5 5 PF0- OSC_IN (PF0) I/O FTf TIM1_CH3N, I2C2_SDA, OSC_IN 13 6 6 PF1- OSC_OUT (PF1) I/O FTf I2C2_SCL OSC_OUT 14 7 7 NRST I/O RST Device reset input / internal reset output (active low) 15 8 PC0 I/O TTa (1) EVENTOUT ADC12_IN6, COMP7_INM(4) 16 9 PC1 I/O TTa (1) EVENTOUT ADC12_IN7, COMP7_INP(4) 17 10 PC2 I/O TTa (1) COMP7_OUT(4), EVENTOUT ADC12_IN8 18 11 PC3 I/O TTa (1) TIM1_BKIN2, EVENTOUT ADC12_IN9 19 PF2 I/O TTa (1) EVENTOUT ADC12_IN10 20 12 8 VSSA/ VREF- S Analog ground/Negative reference voltage |