Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F303VCT6 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 31Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 32Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 33Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 34Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 35Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 36Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 37Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 38Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 132 page
background image
DocID023353 Rev 6
35/132
STM32F302xx/STM32F303xx
Pinouts and pin description
53
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during
and after reset
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 10. Legend/abbreviations used in the pinout table (continued)
Name
Abbreviation
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More