| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F303VCT6 Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VCT6 Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 132 page ![]() DocID023353 Rev 6 41/132 STM32F302xx/STM32F303xx Pinouts and pin description 53 78 51 PC10 I/O FT (1) SPI3_SCK, I2S3_CK(4), USART3_TX, UART4_TX, TIM8_CH1N(4), EVENTOUT 79 52 PC11 I/O FT (1) SPI3_MISO, I2S3ext_SD(4), USART3_RX, UART4_RX, TIM8_CH2N(4), EVENTOUT 80 53 PC12 I/O FT (1) SPI3_MOSI, I2S3_SD(4), USART3_CK, UART5_TX, TIM8_CH3N(4), EVENTOUT 81 PD0 I/O FT (1) CAN_RX, EVENTOUT 82 PD1 I/O FT (1) CAN_TX, TIM8_CH4(4), TIM8_BKIN2(4), EVENTOUT 83 54 PD2 I/O FT (1) UART5_RX, TIM3_ETR, TIM8_BKIN(4), EVENTOUT 84 PD3 I/O FT (1) USART2_CTS, TIM2_CH1_ETR, EVENTOUT 85 PD4 I/O FT (1) USART2_RTS, TIM2_CH2, EVENTOUT 86 PD5 I/O FT (1) USART2_TX, EVENTOUT 87 PD6 I/O FT (1) USART2_RX, TIM2_CH4, EVENTOUT 88 PD7 I/O FT (1) USART2_CK, TIM2_CH3, EVENTOUT 89 55 39 PB3 I/O FT SPI3_SCK, I2S3_CK(4), SPI1_SCK, USART2_TX, TIM2_CH2, TIM3_ETR, TIM4_ETR, TIM8_CH1N(4), TSC_G5_IO1, JTDO- TRACESWO, EVENTOUT 90 56 40 PB4 I/O FT SPI3_MISO, I2S3ext_SD(4), SPI1_MISO, USART2_RX, TIM3_CH1, TIM16_CH1, TIM17_BKIN, TIM8_CH2N(4), TSC_G5_IO2, NJTRST, EVENTOUT 91 57 41 PB5 I/O FT SPI3_MOSI, SPI1_MOSI, I2S3_SD(4), I2C1_SMBA, USART2_CK, TIM16_BKIN, TIM3_CH2, TIM8_CH3N(4), TIM17_CH1, EVENTOUT Table 11. STM32F302xx/STM32F303xx pin definitions (continued) Pin number Pin name (function after reset) Pin functions Alternate functions Additional functions |