Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EL54X Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce SPC56EL54X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL54X Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button SPC56EL54X Datasheet HTML 41Page - STMicroelectronics SPC56EL54X Datasheet HTML 42Page - STMicroelectronics SPC56EL54X Datasheet HTML 43Page - STMicroelectronics SPC56EL54X Datasheet HTML 44Page - STMicroelectronics SPC56EL54X Datasheet HTML 45Page - STMicroelectronics SPC56EL54X Datasheet HTML 46Page - STMicroelectronics SPC56EL54X Datasheet HTML 47Page - STMicroelectronics SPC56EL54X Datasheet HTML 48Page - STMicroelectronics SPC56EL54X Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 160 page
background image
SPC56XL60/54
Package pinouts and signal descriptions
Doc ID 15457 Rev 8
45/160
15
C[7]
SIUL
GPIO[39]
GPIO[39]
FlexPWM_0
A[1]
A[1]
SSCM
DEBUG[7]
—
DSPI_0
—
SIN
16
VDD_HV_REG_0
—
17
VSS_LV_COR
—
18
VDD_LV_COR
—
19
F[7]
SIUL
GPIO[87]
GPIO[87]
NPC
MCKO
—
20
F[8]
SIUL
GPIO[88]
GPIO[88]
NPC
MSEO[1]
—
21
VDD_HV_IO
—
22
VSS_HV_IO
—
23
F[9]
SIUL
GPIO[89]
GPIO[89]
NPC
MSEO[0]
—
24
F[10]
SIUL
GPIO[90]
GPIO[90]
NPC
EVTO
—
25
F[11]
SIUL
GPIO[91]
GPIO[91]
NPC
—
EVTI
26
D[9]
SIUL
GPIO[57]
GPIO[57]
FlexPWM_0
X[0]
X[0]
LINFlexD_1
TXD
—
27
VDD_HV_OSC
—
28
VSS_HV_OSC
—
29
XTAL
—
30
EXTAL
—
31
RESET
—
32
D[8]
SIUL
GPIO[56]
GPIO[56]
DSPI_1
CS2
—
eTimer_1
ETC[4]
ETC[4]
DSPI_0
CS5
—
FlexPWM_0
—
FAULT[3]
33
D[5]
SIUL
GPIO[53]
GPIO[53]
DSPI_0
CS3
—
FlexPWM_0
—
FAULT[2]
Table 4.
LQFP144 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More