| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56EL54X Fiches technique(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL54X Fiches technique(HTML) 40 Page - STMicroelectronics |
|
40 / 160 page ![]() Package pinouts and signal descriptions SPC56XL60/54 40/160 Doc ID 15457 Rev 8 62 VSS_HV_IO — 63 VDD_HV_IO — 64 A[3] SIUL GPIO[3] GPIO[3] eTimer_0 ETC[3] ETC[3] DSPI_2 CS0 CS0 FlexPWM_0 B[3] B[3] MC_RGM — ABS[2] SIUL — EIRQ[3] 65 VDD_LV_COR — 66 VSS_LV_COR — 67 VDD_HV_REG_1 — 68 VSS_HV_FLA — 69 VDD_HV_FLA — 70 D[12] SIUL GPIO[60] GPIO[60] FlexPWM_0 X[1] X[1] LINFlexD_1 — RXD 71 C[13] SIUL GPIO[45] GPIO[45] eTimer_1 ETC[1] ETC[1] CTU_0 — EXT_IN FlexPWM_0 — EXT_SYNC 72 C[14] SIUL GPIO[46] GPIO[46] eTimer_1 ETC[2] ETC[2] CTU_0 EXT_TGR — 73 D[14] SIUL GPIO[62] GPIO[62] FlexPWM_0 B[1] B[1] eTimer_0 — ETC[3] 74 VPP_TEST (1) — 75 A[4] SIUL GPIO[4] GPIO[4] eTimer_1 ETC[0] ETC[0] DSPI_2 CS1 — eTimer_0 ETC[4] ETC[4] MC_RGM — FAB SIUL — EIRQ[4] Table 3. LQFP100 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |