Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EL54X Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce SPC56EL54X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL54X Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button SPC56EL54X Datasheet HTML 39Page - STMicroelectronics SPC56EL54X Datasheet HTML 40Page - STMicroelectronics SPC56EL54X Datasheet HTML 41Page - STMicroelectronics SPC56EL54X Datasheet HTML 42Page - STMicroelectronics SPC56EL54X Datasheet HTML 43Page - STMicroelectronics SPC56EL54X Datasheet HTML 44Page - STMicroelectronics SPC56EL54X Datasheet HTML 45Page - STMicroelectronics SPC56EL54X Datasheet HTML 46Page - STMicroelectronics SPC56EL54X Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 160 page
background image
SPC56XL60/54
Package pinouts and signal descriptions
Doc ID 15457 Rev 8
43/160
95
A[13]
SIUL
GPIO[13]
GPIO[13]
FlexPWM_0
B[2]
B[2]
DSPI_2
—
SIN
FlexPWM_0
—
FAULT[0]
SIUL
—
EIRQ[12]
96
B[6]
SIUL
GPIO[22]
GPIO[22]
MC_CGM
clk_out
—
DSPI_2
CS2
—
SIUL
—
EIRQ[18]
97
FCCU_F[1]
FCCU
F[1]
F[1]
98
C[6]
SIUL
GPIO[38]
GPIO[38]
DSPI_0
SOUT
—
FlexPWM_0
B[1]
B[1]
SSCM
DEBUG[6]
—
SIUL
—
EIRQ[24]
99
A[14]
SIUL
GPIO[14]
GPIO[14]
FlexCAN_1
TXD
—
eTimer_1
ETC[4]
ETC[4]
SIUL
—
EIRQ[13]
100
A[15]
SIUL
GPIO[15]
GPIO[15]
eTimer_1
ETC[5]
ETC[5]
FlexCAN_1
—
RXD
FlexCAN_0
—
RXD
SIUL
—
EIRQ[14]
1.
VPP_TEST should always be tied to ground (VSS) for normal operations.
Table 4.
LQFP144 pin function summary
Pin #
Port/function
Peripheral
Output function
Input function
1NMI
—
2A[6]
SIUL
GPIO[6]
GPIO[6]
DSPI_1
SCK
SCK
SIUL
—
EIRQ[6]
Table 3.
LQFP100 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More