Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EL54X Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce SPC56EL54X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL54X Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button SPC56EL54X Datasheet HTML 38Page - STMicroelectronics SPC56EL54X Datasheet HTML 39Page - STMicroelectronics SPC56EL54X Datasheet HTML 40Page - STMicroelectronics SPC56EL54X Datasheet HTML 41Page - STMicroelectronics SPC56EL54X Datasheet HTML 42Page - STMicroelectronics SPC56EL54X Datasheet HTML 43Page - STMicroelectronics SPC56EL54X Datasheet HTML 44Page - STMicroelectronics SPC56EL54X Datasheet HTML 45Page - STMicroelectronics SPC56EL54X Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 160 page
background image
Package pinouts and signal descriptions
SPC56XL60/54
42/160
Doc ID 15457 Rev 8
83
A[12]
SIUL
GPIO[12]
GPIO[12]
DSPI_2
SOUT
—
FlexPWM_0
A[2]
A[2]
FlexPWM_0
B[2]
B[2]
SIUL
—
EIRQ[11]
84
JCOMP
—
—
JCOMP
85
C[15]
SIUL
GPIO[47]
GPIO[47]
FlexRay
CA_TR_EN
—
eTimer_1
ETC[0]
ETC[0]
FlexPWM_0
A[1]
A[1]
CTU_0
—
EXT_IN
FlexPWM_0
—
EXT_SYNC
86
D[0]
SIUL
GPIO[48]
GPIO[48]
FlexRay
CA_TX
—
eTimer_1
ETC[1]
ETC[1]
FlexPWM_0
B[1]
B[1]
87
VDD_HV_IO
—
88
VSS_HV_IO
—
89
D[3]
SIUL
GPIO[51]
GPIO[51]
FlexRay
CB_TX
—
eTimer_1
ETC[4]
ETC[4]
FlexPWM_0
A[3]
A[3]
90
D[4]
SIUL
GPIO[52]
GPIO[52]
FlexRay
CB_TR_EN
—
eTimer_1
ETC[5]
ETC[5]
FlexPWM_0
B[3]
B[3]
91
VDD_HV_REG_2
—
92
VDD_LV_COR
—
93
VSS_LV_COR
—
94
A[9]
SIUL
GPIO[9]
GPIO[9]
DSPI_2
CS1
—
FlexPWM_0
B[3]
B[3]
FlexPWM_0
—
FAULT[0]
Table 3.
LQFP100 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More