| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56EL54X Fiches technique(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL54X Fiches technique(HTML) 87 Page - STMicroelectronics |
|
87 / 160 page ![]() D[10] PCR[58] SIUL GPIO[58] ALT0 GPIO[58] — —M S 53 76 T15 FlexPWM_0 A[0] ALT1 A[0] PSMI[20]; PADSEL=1 eTimer_0 — — ETC[0] PSMI[35]; PADSEL=1 D[11] PCR[59] SIUL GPIO[59] ALT0 GPIO[59] — —M S 54 78 R16 FlexPWM_0 B[0] ALT1 B[0] PSMI[24]; PADSEL=1 eTimer_0 — — ETC[1] PSMI[36]; PADSEL=1 D[12] PCR[60] SIUL GPIO[60] ALT0 GPIO[60] —M S 70 99 G14 FlexPWM_0 X[1] ALT1 X[1] PSMI[28]; PADSEL=1 LINFlexD_1 — — RXD PSMI[32]; PADSEL=1 D[14] PCR[62] SIUL GPIO[62] ALT0 GPIO[62] — —M S 73 105 D16 FlexPWM_0 B[1] ALT1 B[1] PSMI[25]; PADSEL=2 eTimer_0 — — ETC[3] PSMI[38]; PADSEL=1 Port E E[0] PCR[64] SIUL — ALT0 GPI[64] — —— — 46 68 T13 ADC_1 — — AN[5](3) — E[2] PCR[66] SIUL — ALT0 GPI[66] — —— — 32 49 U6 ADC_0 — — AN[5](3) — Table 8. Pin muxing (continued) Port name PCR Peripheral Alternate output function Output mux sel Input functions Input mux select Weak pull config during reset Pad speed(1) Pin # SRC =1 SRC =0 100 pkg 144 pkg 257 pkg |