| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56EL54X Fiches technique(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL54X Fiches technique(HTML) 38 Page - STMicroelectronics |
|
38 / 160 page ![]() Package pinouts and signal descriptions SPC56XL60/54 38/160 Doc ID 15457 Rev 8 31 B[8] SIUL — GPIO[24] eTimer_0 — ETC[5] ADC_0 — AN[1] 32 E[2] SIUL — GPIO[66] ADC_0 — AN[5] 33 VDD_HV_ADR0 — 34 VSS_HV_ADR0 — 35 B[9] SIUL — GPIO[25] ADC_0 —AN[11] ADC_1 36 B[10] SIUL — GPIO[26] ADC_0 —AN[12] ADC_1 37 B[11] SIUL — GPIO[27] ADC_0 —AN[13] ADC_1 38 B[12] SIUL — GPIO[28] ADC_0 —AN[14] ADC_1 39 VDD_HV_ADR1 — 40 VSS_HV_ADR1 — 41 VDD_HV_ADV — 42 VSS_HV_ADV — 43 B[13] SIUL — GPIO[29] LINFlexD_1 — RXD ADC_1 — AN[0] 44 B[14] SIUL — GPIO[30] eTimer_0 — ETC[4] SIUL — EIRQ[19] ADC_1 — AN[1] 45 C[0] SIUL — GPIO[32] ADC_1 — AN[3] 46 E[0] SIUL — GPIO[64] ADC_1 — AN[5] 47 BCTRL — Table 3. LQFP100 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |