| Moteur de recherche de fiches techniques de composants électroniques |
|
STA382BW Fiches technique(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA382BW Fiches technique(HTML) 120 Page - STMicroelectronics |
|
120 / 172 page ![]() Register description: Sound Terminal compatibility STA382BW 120/172 Doc ID 022783 Rev 1 2.1 channels, two half-bridges + one full-bridge (OCFG = 01) ● FFX1A -> OUT1A ● FFX2A -> OUT1B ● FFX3A -> OUT2A ● FFX3B -> OUT2B ● FFX1A -> OUT3A ● FFX1B -> OUT3B ● FFX2A -> OUT4A ● FFX2B -> OUT4B ● FFX1A/1B configured as binary ● FFX2A/2B configured as binary ● FFX3A/3B configured as binary ● FFX4A/4B is not used In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT3/OUT4 channels channel 1 and channel 2 PWM are replicated. In this configuration the PWM slot phase is the following as shown in Figure 37. Figure 37. 2.1 channels (OCFG = 01) PWM slots OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B |