| Moteur de recherche de fiches techniques de composants électroniques |
|
STA382BW Fiches technique(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA382BW Fiches technique(HTML) 52 Page - STMicroelectronics |
|
52 / 172 page ![]() Register description: New Map STA382BW 52/172 Doc ID 022783 Rev 1 Figure 19. OPER = 01 The STA382BW can be configured to support different output configurations. For each PWM output channel, a PWM slot is defined. A PWM slot is always 1 / (8 * fs) seconds length. The PWM slot defines the maximum extension for the PWM rising and falling edge, that is, the rising edge as well as the falling edge cannot range outside the PWM slot boundaries. Figure 20. Output mapping scheme Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 3 OUT3B OUT4B OUT4A OUT3A Channel 1 Channel 2 Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 3 OUT3B OUT4B OUT4A OUT3A Channel 1 Channel 2 FFX ™ modulator REMAP FFX1A FFX1 B FFX2 A FFX 2B OUT1A OUT1B OUT2A OUT2B Power Bridge OUT1A OUT1B OUT2A OUT2B FFX3 A FFX3B FFX4 A FFX 4B OUT3A OUT3B OUT4A OUT4B FFX ™ modulator REMAP FFX1A FFX1 B FFX2 A FFX 2B OUT1A OUT1B OUT2A OUT2B Power Bridge OUT1A OUT1B OUT2A OUT2B FFX3 A FFX3B FFX4 A FFX 4B OUT3A OUT3B OUT4A OUT4B FFX ™ modulator REMAP FFX1A FFX1 B FFX2 A FFX 2B OUT1A OUT1B OUT2A OUT2B Power Bridge OUT1A OUT1B OUT2A OUT2B FFX3 A FFX3B FFX4 A FFX 4B OUT3A OUT3B OUT4A OUT4B FFX ™ modulator REMAP FFX1A FFX1 B FFX2 A FFX 2B OUT1A OUT1B OUT2A OUT2B Power Bridge OUT1A OUT1B OUT2A OUT2B FFX3 A FFX3B FFX4 A FFX ™ modulator REMAP FFX1A FFX1 B FFX2 A FFX 2B OUT1A OUT1B OUT2A OUT2B Power Bridge OUT1A OUT1B OUT2A OUT2B FFX3 A FFX3B FFX4 A FFX 4B OUT3A OUT3B OUT4A OUT4B FFX modulator REMAP FFX1A FFX1 B FFX2 A FFX 2B OUT1A OUT1B OUT2A OUT2B Power Bridge OUT1A OUT1B OUT2A OUT2B FFX3 A FFX3B FFX4 A FFX 4B OUT3A OUT3B OUT4A OUT4B TM |