Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA382BW Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STA382BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BW Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STA382BW Datasheet HTML 2Page - STMicroelectronics STA382BW Datasheet HTML 3Page - STMicroelectronics STA382BW Datasheet HTML 4Page - STMicroelectronics STA382BW Datasheet HTML 5Page - STMicroelectronics STA382BW Datasheet HTML 6Page - STMicroelectronics STA382BW Datasheet HTML 7Page - STMicroelectronics STA382BW Datasheet HTML 8Page - STMicroelectronics STA382BW Datasheet HTML 9Page - STMicroelectronics STA382BW Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 172 page
background image
Contents
STA382BW
6/172
Doc ID 022783 Rev 1
6.26.3
Extended biquad selector . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
6.27
PLL configuration registers
(address 0x52; 0x53; 0x54; 0x55; 0x56; 0x57) . . . . . . . . . . . . . . . . . . . . 88
6.28
Short-circuit protection mode registers SHOK (address 0x58) . . . . . . . . 90
6.29
Extended coefficient range up to -4...4 (address 0x5A) . . . . . . . . . . . . . . 91
6.30
Miscellaneous registers (address 0x5C, 0x5D) . . . . . . . . . . . . . . . . . . . . 92
6.30.1
Rate power-down enable (RPDNEN) bit . . . . . . . . . . . . . . . . . . . . . . . . 92
6.30.2
Bridge immediately off (BRIDGOFF) bit (address 0x4B, bit D5) . . . . . . 92
6.30.3
Channel PWM enable (CPWMEN) bit . . . . . . . . . . . . . . . . . . . . . . . . . . 93
6.30.4
External amplifier hardware pin enabler (LPDP, LPD LPDE) bits . . . . . 93
6.30.5
Power-down delay selector (PNDLSL[2:0]) bits . . . . . . . . . . . . . . . . . . . 93
6.30.6
Short-circuit check enable bit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94
6.31
Bad PWM detection registers (address 0x5E, 0x5F, 0x60) . . . . . . . . . . . 94
6.32
Enhanced zero-detect mute and input level measurement
(address 0x61-0x65, 0x3F, 0x40, 0x6F) . . . . . . . . . . . . . . . . . . . . . . . . . . 95
6.33
Headphone/Line out configuration register (address 0x66) . . . . . . . . . . . 97
6.34
F3XCFG (address 0x69; 0x6A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 98
6.35
STCompressorTM configuration register (address 0x6B; 0x6C) . . . . . . . . 99
6.36
Charge pump synchronization (address 0x70) . . . . . . . . . . . . . . . . . . . . . 99
6.37
Coefficient RAM CRC protection (address 0x71-0x7D) . . . . . . . . . . . . . 100
6.38
MISC4 (address 0x7E) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102
7
Register description: Sound Terminal compatibility . . . . . . . . . . . . . 104
7.1
Configuration register A (addr 0x00) . . . . . . . . . . . . . . . . . . . . . . . . . . . 107
7.1.1
Master clock select . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 107
7.1.2
Interpolation ratio select . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108
7.1.3
Fault-detect recovery bypass . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108
7.2
Configuration register B (addr 0x01) . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
7.2.1
Serial data interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
7.2.2
Serial audio input interface format . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
7.2.3
Serial data first bit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
7.2.4
Delay serial clock enable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112
7.2.5
Channel input mapping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112
7.3
Configuration register C (addr 0x02) . . . . . . . . . . . . . . . . . . . . . . . . . . . 113
7.3.1
FFX compensating pulse size register . . . . . . . . . . . . . . . . . . . . . . . . . 113
7.4
Configuration register D (addr 0x03) . . . . . . . . . . . . . . . . . . . . . . . . . . . 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More