Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA382BW Fiches technique(PDF) 55 Page - STMicroelectronics

No de pièce STA382BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BW Fiches technique(HTML) 55 Page - STMicroelectronics

Back Button STA382BW Datasheet HTML 51Page - STMicroelectronics STA382BW Datasheet HTML 52Page - STMicroelectronics STA382BW Datasheet HTML 53Page - STMicroelectronics STA382BW Datasheet HTML 54Page - STMicroelectronics STA382BW Datasheet HTML 55Page - STMicroelectronics STA382BW Datasheet HTML 56Page - STMicroelectronics STA382BW Datasheet HTML 57Page - STMicroelectronics STA382BW Datasheet HTML 58Page - STMicroelectronics STA382BW Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 172 page
background image
STA382BW
Register description: New Map
Doc ID 022783 Rev 1
55/172
2.1 channels, two full-bridges + one external full-bridge (OPER = 10)
●
FFX1A -> OUT1A
●
FFX1B -> OUT1B
●
FFX2A -> OUT2A
●
FFX2B -> OUT2B
●
FFX3A -> OUT3A
●
FFX3B -> OUT3B
●
EAPD -> OUT4A
●
TWARN -> OUT4B
●
FFX1A/1B configured as ternary
●
FFX2A/2B configured as ternary
●
FFX3A/3B configured as ternary
●
FFX4A/4B is not used
In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT4 channel the
external bridge control signals are muxed.
In this configuration the PWM slot phase is the following as shown in Figure 23.
Figure 23.
2.1 channels (OPER = 10) PWM slots
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More