Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA382BW Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce STA382BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BW Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button STA382BW Datasheet HTML 49Page - STMicroelectronics STA382BW Datasheet HTML 50Page - STMicroelectronics STA382BW Datasheet HTML 51Page - STMicroelectronics STA382BW Datasheet HTML 52Page - STMicroelectronics STA382BW Datasheet HTML 53Page - STMicroelectronics STA382BW Datasheet HTML 54Page - STMicroelectronics STA382BW Datasheet HTML 55Page - STMicroelectronics STA382BW Datasheet HTML 56Page - STMicroelectronics STA382BW Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 172 page
background image
STA382BW
Register description: New Map
Doc ID 022783 Rev 1
53/172
For each configuration the PWM signals from the digital driver are mapped in different ways
to the power stage.
2.0 channels, two full-bridges (OPER = 00)
FFX1A -> OUT1A
FFX1B -> OUT1B
FFX2A -> OUT2A
FFX2B -> OUT2B
FFX3A -> OUT3A
FFX3B -> OUT3B
FFX4A -> OUT4A
FFX4B -> OUT4B
FFX1A/1B configured as ternary
FFX2A/2B configured as ternary
FFX3A/3B configured as line out ternary
FFX4A/4B configured as line out ternary
On channel 3 line out (LOC bits = 00, reg 0x17 bit D7, D6) the same data as channel 1
processing is sent. On channel 4 line out (LOC bits = 00) the same data as channel 2
processing is sent. In this configuration, neither volume control nor EQ has any effect on
channels 3 and 4.
In this configuration the PWM slot phase is the following as shown in Figure 21.
Figure 21.
2.0 channels (OPER = 00) PWM slots
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
OUT4A
OUT4B
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
OUT4A
OUT4B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More