Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6360 Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 41Page - STMicroelectronics L6360 Datasheet HTML 42Page - STMicroelectronics L6360 Datasheet HTML 43Page - STMicroelectronics L6360 Datasheet HTML 44Page - STMicroelectronics L6360 Datasheet HTML 45Page - STMicroelectronics L6360 Datasheet HTML 46Page - STMicroelectronics L6360 Datasheet HTML 47Page - STMicroelectronics L6360 Datasheet HTML 48Page - STMicroelectronics L6360 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
L6360
Device configuration
Doc ID 022817 Rev 2
45/65
11. Now the microcontroller can perform a new write sequential procedure.
12. Microcontroller I2C establishes the communication: START condition.
13. Microcontroller I2C sends the slave address on the I2C bus to check if the slave is
online.
14. The microcontroller resends the data registers.
15. Back to step 5.
The I2C frame (configuration, control, diagnostic phases) must provide:
Slave address (7 bits)
Transmission direction (read/write)
Data (8 bits: data registers)
The 9 frames are shown below:
Figure 28.
Sequential Write mode frames
1st frame
Bit 7÷1:
L6360 address
Bit 0:
Direction (write/read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65