Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6360 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 16Page - STMicroelectronics L6360 Datasheet HTML 17Page - STMicroelectronics L6360 Datasheet HTML 18Page - STMicroelectronics L6360 Datasheet HTML 19Page - STMicroelectronics L6360 Datasheet HTML 20Page - STMicroelectronics L6360 Datasheet HTML 21Page - STMicroelectronics L6360 Datasheet HTML 22Page - STMicroelectronics L6360 Datasheet HTML 23Page - STMicroelectronics L6360 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
Device configuration
L6360
20/65
Doc ID 022817 Rev 2
On the microcontroller, the interface can operate in the two following modes:
Master transmitter/receiver
Idle mode (default state)
The microcontroller interface automatically switches from idle to master receiver after it
detects a START condition and from master receiver to idle after it detects a STOP
condition.
On the L6360 the interface can operate in the two following modes:
Slave transmitter/receiver
Idle mode (default state)
The interface automatically switches from idle to slave transmitter after it detects a START
condition and from slave transmitter to idle after it detects a STOP condition.
6.1.6
Functional description
By default, the I2C microcontroller interface operates in idle; to switch from default Idle mode
to Master mode a START condition generation is needed.
The transfer sequencing is shown in Figure 7.
Figure 7.
Transfer sequencing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65