Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6360 Fiches technique(PDF) 61 Page - STMicroelectronics

No de pièce L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Fiches technique(HTML) 61 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 57Page - STMicroelectronics L6360 Datasheet HTML 58Page - STMicroelectronics L6360 Datasheet HTML 59Page - STMicroelectronics L6360 Datasheet HTML 60Page - STMicroelectronics L6360 Datasheet HTML 61Page - STMicroelectronics L6360 Datasheet HTML 62Page - STMicroelectronics L6360 Datasheet HTML 63Page - STMicroelectronics L6360 Datasheet HTML 64Page - STMicroelectronics L6360 Datasheet HTML 65Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
L6360
EMC protection considerations
Doc ID 022817 Rev 2
61/65
11.2
I/O lines protection
Figure 47 shows external components (capacitors) suitable for IO-Link communication -
protection level in accordance with specification.
Figure 47.
Typical protection in IO-Link applications
Table 35.
Typical protection in IO-Link applications component description
Part
Function
Description
C_1
Power supply blocking
Energy buffer for the L6360 supply, makes chip supply voltage
stable, limits EMI noise.
C_I/Q, C_C/Q, C_L+
Filtration capacitors
Work as a basic protection against fast transient signals like burst or
radio-frequency domain applied to the lines. Limit voltage spikes
frequency spectrum and amplitude.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65