Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6360 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 2Page - STMicroelectronics L6360 Datasheet HTML 3Page - STMicroelectronics L6360 Datasheet HTML 4Page - STMicroelectronics L6360 Datasheet HTML 5Page - STMicroelectronics L6360 Datasheet HTML 6Page - STMicroelectronics L6360 Datasheet HTML 7Page - STMicroelectronics L6360 Datasheet HTML 8Page - STMicroelectronics L6360 Datasheet HTML 9Page - STMicroelectronics L6360 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
List of figures
L6360
6/65
Doc ID 022817 Rev 2
Figure 47.
Typical protection in IO-Link applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Figure 48.
IO-Link and SIO applications extended protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
Figure 49.
Package outline for VFQFPN - 26-lead 3.5 x 5 x 1 mm - 0.50 pitch . . . . . . . . . . . . . . . . . . 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65