Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6360 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 37Page - STMicroelectronics L6360 Datasheet HTML 38Page - STMicroelectronics L6360 Datasheet HTML 39Page - STMicroelectronics L6360 Datasheet HTML 40Page - STMicroelectronics L6360 Datasheet HTML 41Page - STMicroelectronics L6360 Datasheet HTML 42Page - STMicroelectronics L6360 Datasheet HTML 43Page - STMicroelectronics L6360 Datasheet HTML 44Page - STMicroelectronics L6360 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
L6360
Device configuration
Doc ID 022817 Rev 2
41/65
6.4.2
Operating modes
Write modes
The L6360 is configured by the microcontroller through I2C. To configure the device, it is
necessary to write its internal registers.
There are two writing modes:
Current: single register
Sequential: all registers in sequence
Current Write mode
The microcontroller I2C is configured as master transmitter.
The L6360 I2C is configured as the slave receiver.
Figure 25.
Current Write mode flow chart procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65