| Moteur de recherche de fiches techniques de composants électroniques |
|
SN8P1602AX Fiches technique(PDF) 68 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602AX Fiches technique(HTML) 68 Page - SONiX Technology Company |
|
68 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 68 Revision 1.94 INT0 (P0.0) INTERRUPT OPERATION The INT0 has falling edge interrupt trigger. For SN8P1600, the INT0 just uses the falling edge to trigger the external interrupt 0. When the INT0 trigger occurs, the P00IRQ will be set to “1” however the P00IEN is enable or disable. If the P00IEN = 1, the trigger event sets the P00IRQ to be “1” and the system into interrupt vector (ORG 8). If the P00IEN = 0, the trigger event just only sets the P00IRQ to be “1” but the system doesn’t get into interrupt vector. Users need to care the operation under multi-interrupt situation. Example: INT0 interrupt request setup. B0BSET FP00IEN ; Enable INT0 interrupt service B0BCLR FP00IRQ ; Clear INT0 interrupt request flag B0BSET FGIE ; Enable GIE Example: INT0 interrupt service routine. ORG 8 ; Interrupt vector JMP INT_SERVICE INT_SERVICE: B0XCH A, ACCBUF ; Store ACC value. B0MOV A, PFLAG B0MOV PFLAGBUF, A B0BTS1 FP00IRQ ; Check P00IRQ JMP EXIT_INT ; P00IRQ = 0, exit interrupt vector B0BCLR FP00IRQ ; Reset P00IRQ . . ; INT0 interrupt service routine . . EXIT_INT: B0MOV A, PFLAGBUF B0MOV PFLAG, A B0XCH A, ACCBUF ; Restore ACC value. RETI ; Exit interrupt vector |