| Moteur de recherche de fiches techniques de composants électroniques |
|
SN8P1602AX Fiches technique(PDF) 59 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602AX Fiches technique(HTML) 59 Page - SONiX Technology Company |
|
59 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 59 Revision 1.94 TC1R AUTO-LOAD REGISTER TC1R is an 8-bit register for the TC1 auto-reload function. TC1R’s value applies to TC1OUT and PWM1OUT functions. . Under TC1OUT application, users must enable and set the TC1R register. The main purpose of TC1R is as following. Store the auto-reload value and set into TC1C when the TC1C overflow. (ALOAD1 = 1). Store the duty value of PWM1OUT function. 0DEH Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 TC1R TC1R7 TC1R6 TC1R5 TC1R4 TC1R3 TC1R2 TC1R1 TC1R0 Read/Write W W W W W W W W After reset - - - - - - - - The equation of TC1R initial value is like TC1C as following. TC1R initial value = 256 - (TC1 interrupt interval time * input clock) Note: The TC1R is write-only register can’t be process by INCMS, DECMS instructions. |