| Moteur de recherche de fiches techniques de composants électroniques |
|
SN8P1602AX Fiches technique(PDF) 52 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602AX Fiches technique(HTML) 52 Page - SONiX Technology Company |
|
52 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 52 Revision 1.94 TIMER0 (TC0) (SN8P1602/1603 Only) OVERVIEW The timer counter 0 (TC0) is used to generate an interrupt request when a specified time interval has elapsed. If the TC0 timer has occur an overflow (from FFH to 00H), it will continue counting and issue a time-out signal to trigger TC0 interrupt to request interrupt service. The main purposes of the TC0 timer is as following. 8-bit programmable timer: Generates interrupts at specific time intervals based on the selected clock frequency. Internal data bus ÷ 2(8-TC0rate) TC0enb TC0C 8-bit binary counter TC0 Time out pre_load CPUM1,0 FCpu Internal data bus ÷ 2(8-TC0rate) TC0enb TC0C 8-bit binary counter TC0 Time out pre_load CPUM1,0 FCpu |