Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN8P1602AX Fiches technique(PDF) 35 Page - SONiX Technology Company

No de pièce SN8P1602AX
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AX Fiches technique(HTML) 35 Page - SONiX Technology Company

Back Button SN8P1602AX Datasheet HTML 31Page - SONiX Technology Company SN8P1602AX Datasheet HTML 32Page - SONiX Technology Company SN8P1602AX Datasheet HTML 33Page - SONiX Technology Company SN8P1602AX Datasheet HTML 34Page - SONiX Technology Company SN8P1602AX Datasheet HTML 35Page - SONiX Technology Company SN8P1602AX Datasheet HTML 36Page - SONiX Technology Company SN8P1602AX Datasheet HTML 37Page - SONiX Technology Company SN8P1602AX Datasheet HTML 38Page - SONiX Technology Company SN8P1602AX Datasheet HTML 39Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 35
Revision 1.94
4
4
4 ADDRESSING MODE
OVERVIEW
The SN8P1600 provides three addressing modes to access RAM data, including immediate addressing mode, directly
addressing mode and indirectly address mode. The main purpose of the three different modes is described in the
following table.
IMMEDIATE ADDRESSING MODE
The immediate addressing mode uses an immediate data to set up the location (“ MOV
A, # I ”, “ B0MOV
M, # I “) in
ACC or specific RAM.
Immediate addressing mode
MOV
A, #12H
; To set an immediate data 12H into ACC
DIRECTLY ADDRESSING MODE
The directly addressing mode uses address number to access memory location (“ MOV
A,12H ”, “ MOV
12H, A ”).
Directly addressing mode
B0MOV
A, 12H
; To get a content of location 12H of bank 0 and save in ACC
INDIRECTLY ADDRESSING MODE
The indirectly addressing mode is to set up an address in data pointer registers (Y/Z) and uses MOV instruction to
read/write data between ACC and @YZ register (“ MOV
A,@YZ ”, “ MOV
@YZ, A ”).
Example: Indirectly addressing mode with @YZ register
CLR
Y
; To clear Y register to access RAM bank 0.
B0MOV
Z, #12H
; To set an immediate data 12H into Z register.
B0MOV
A, @YZ
; Use data pointer @YZ reads a data from RAM location
; 012H into ACC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94