Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN8P1602AX Fiches technique(PDF) 38 Page - SONiX Technology Company

No de pièce SN8P1602AX
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AX Fiches technique(HTML) 38 Page - SONiX Technology Company

Back Button SN8P1602AX Datasheet HTML 34Page - SONiX Technology Company SN8P1602AX Datasheet HTML 35Page - SONiX Technology Company SN8P1602AX Datasheet HTML 36Page - SONiX Technology Company SN8P1602AX Datasheet HTML 37Page - SONiX Technology Company SN8P1602AX Datasheet HTML 38Page - SONiX Technology Company SN8P1602AX Datasheet HTML 39Page - SONiX Technology Company SN8P1602AX Datasheet HTML 40Page - SONiX Technology Company SN8P1602AX Datasheet HTML 41Page - SONiX Technology Company SN8P1602AX Datasheet HTML 42Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 38
Revision 1.94
6
6
6 POWER ON RESET
OVERVIEW
SN8P1600 provides two system resets. One is external reset and the other is low voltage detector (LVD). The external
reset is a simple RC circuit connecting to the reset pin. The low voltage detector (LVD) is built-in internal circuit. When
one of the reset devices occurs, the system will reset and the system registers become initial value. The timing
diagram is as the following.
VDD
External Reset
Internal Reset Signal
End of LVD Reset
LVD
End of External Reset
LVD Detect Level
External Reset Detect Level
SN8P1600 power on reset timing diagram
Notice : The working current of the LVD is about 100uA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94