Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN8P1602AX Fiches technique(PDF) 88 Page - SONiX Technology Company

No de pièce SN8P1602AX
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AX Fiches technique(HTML) 88 Page - SONiX Technology Company

Back Button SN8P1602AX Datasheet HTML 84Page - SONiX Technology Company SN8P1602AX Datasheet HTML 85Page - SONiX Technology Company SN8P1602AX Datasheet HTML 86Page - SONiX Technology Company SN8P1602AX Datasheet HTML 87Page - SONiX Technology Company SN8P1602AX Datasheet HTML 88Page - SONiX Technology Company SN8P1602AX Datasheet HTML 89Page - SONiX Technology Company SN8P1602AX Datasheet HTML 90Page - SONiX Technology Company SN8P1602AX Datasheet HTML 91Page - SONiX Technology Company SN8P1602AX Datasheet HTML 92Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 88
Revision 1.94
OSG Note :
Notice : The minimum working voltage is depended on the working frequency and OSG status.
Turn on the OSG code option in the SN8ASM will improve the EMI performance, but it will increase the lowest valid
working voltage level.
The safe operating voltage must above the curve (max.) to get a stable power environment.
Typical VDD vs. Frequency (OSG On)
OSG On --Voltage v.s. Frequency
0
1
2
3
4
5
6
1
2
4
6
8
10 12161820 2224
Working frequency (Mhz)
OSG On (Max.)
OSG On (Typical)
Typical VDD vs. Frequency (OSG Off)
OSG Off-- Voltage v.s. Frequency
0
0.5
1
1.5
2
2.5
3
1
2
4
6
8
10 12 16 18 20 22 24
Frequency(Mhz)
OSG Off (Max.)
OSG Off (Typical)
Notice : The system working frequency is only warranty under 16Mhz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94