Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2210 Fiches technique(PDF) 20 Page - Microchip Technology

No de pièce MCP2210
Description  USB-to-SPI Protocol Converter with GPIO (Master Mode)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 Fiches technique(HTML) 20 Page - Microchip Technology

Back Button MCP2210 Datasheet HTML 16Page - Microchip Technology MCP2210 Datasheet HTML 17Page - Microchip Technology MCP2210 Datasheet HTML 18Page - Microchip Technology MCP2210 Datasheet HTML 19Page - Microchip Technology MCP2210 Datasheet HTML 20Page - Microchip Technology MCP2210 Datasheet HTML 21Page - Microchip Technology MCP2210 Datasheet HTML 22Page - Microchip Technology MCP2210 Datasheet HTML 23Page - Microchip Technology MCP2210 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
MCP2210
DS22288A-page 20
 2011 Microchip Technology Inc.
3.1.4
SET USB MANUFACTURER NAME
3.1.4.1
Responses
TABLE 3-11:
COMMAND STRUCTURE
Byte
Index
Meaning
0
0x60 – Set Chip NVRAM Parameters – command code
1
0x50 – Set USB Manufacturer Name – sub-command code
2
0x00 – Reserved
3
0x00 – Reserved
4
Total USB String Descriptor Length (this is the length of the Manufacturer string, multiplied by 2 + 2)
Example: “Microchip Technology Inc.” has 25 Unicode characters.
- The value to be filled in is: (25 x 2) + 2 = 52 (decimal) = 0x34
5
USB String Descriptor ID – always fill with 0x03
6
Unicode Character Low Byte
Example: For the “Microchip Technology Inc.” Unicode string, place here the low byte of the Unicode
for character “M”.
- Fill this index with 0x4D
7
Unicode Character High Byte
Example: For the “Microchip Technology Inc.” Unicode string, place here the high byte of the Unicode
for character “M”.
- Fill this index with 0x00
8-63
Fill in the remaining Unicode characters in the string
TABLE 3-12:
RESPONSE 1 STRUCTURE
Byte
Index
Meaning
00x60 – Set Chip NVRAM Parameters – echos back the given command code
10xFB – Blocked Access – The provided password is not matching the one stored in the chip or the
settings are permanently locked.
2-63
Don’t Care
TABLE 3-13:
RESPONSE 2 STRUCTURE
Byte
Index
Meaning
00x60 – Set Chip NVRAM Parameters – echos back the given command code
10x00 – Command Completed Successfully – settings written
20x50 – Sub-command Echoed Back for Set USB Manufacturer Name code
3-63
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82