| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP2210 Fiches technique(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2210 Fiches technique(HTML) 12 Page - Microchip Technology |
|
12 / 82 page ![]() MCP2210 DS22288A-page 12 2011 Microchip Technology Inc. 9 GP5 Pin Designation • GPIO = 0x00 • Chip Selects = 0x01 • Dedicated Function pin = 0x02 10 GP6 Pin Designation • GPIO = 0x00 • Chip Selects = 0x01 • Dedicated Function pin = 0x02 11 GP7 Pin Designation • GPIO = 0x00 • Chip Selects = 0x01 • Dedicated Function pin = 0x02 12 GP8 Pin Designation • GPIO = 0x00 • Chip Selects = 0x01 • Dedicated Function pin = 0x02 13 Default GPIO Output – 16-bit value (low byte): • MSB – – – – – – LSB GP7VAL GP6VAL GP5VAL GP4VAL GP3VAL GP2VAL GP1VAL GP0VAL 14 Default GPIO Output – 16-bit value (high byte): • MSB – – – – – – LSB x x x x x x x GP8VAL where x = Don’t Care 15 Default GPIO Direction – 16-bit value (low byte): • MSB – – – – – – LSB GP7DIR GP6DIR GP5DIR GP4DIR GP3DIR GP2DIR GP1DIR GP0DIR 16 Default GPIO Direction – 16-bit value (high byte): • MSB – – – – – – LSB x x x x x x x GP8DIR TABLE 3-1: COMMAND STRUCTURE (CONTINUED) Byte Index Meaning |