| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP2210 Fiches technique(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2210 Fiches technique(HTML) 32 Page - Microchip Technology |
|
32 / 82 page ![]() MCP2210 DS22288A-page 32 2011 Microchip Technology Inc. 3.1.11 SEND ACCESS PASSWORD 3.1.11.1 Responses TABLE 3-27: COMMAND STRUCTURE Byte Index Meaning 0 0x70 – SEND ACCESS Password – command code 1 0x00 – Reserved 2 0x00 – Reserved 3 0x00 – Reserved 4 Password Character 0 5 Password Character 1 6 Password Character 2 7 Password Character 3 8 Password Character 4 9 Password Character 5 10 Password Character 6 11 Password Character 7 12-63 0x00 – Reserved TABLE 3-28: RESPONSE 1 STRUCTURE Byte Index Meaning 00x70 – SEND ACCESS Password – echos back the given command code 10x00 – Command Completed Successfully – chip settings not protected 2 Don’t Care 3-63 Don’t Care TABLE 3-29: RESPONSE 2 STRUCTURE Byte Index Meaning 00x70 – SEND ACCESS Password – echos back the given command code 10xFC – Access Not Allowed – access rejected 2 Don’t Care 3-63 Don’t Care TABLE 3-30: RESPONSE 3 STRUCTURE Byte Index Meaning 0 0x70 – SEND ACCESS Password – echos back the given command code 10xFD – Access Not Allowed – Chip conditional access is on, the password does not match and the number of attempts is less than the accepted threshold of 5. 2 Don’t Care 3-63 Don’t Care |